PART |
Description |
Maker |
556-7105 556-7105-22-00-00 556-7105-08-00-00 556-7 |
Variable Coil, Unshielded, Vertical, .090μH thru 1.05mΗ UNSHIELDED, 5.02 uH - 6.2 uH, VARIABLE INDUCTOR UNSHIELDED, 0.352 uH - 0.431 uH, VARIABLE INDUCTOR UNSHIELDED, 0.09 uH - 0.11 uH, VARIABLE INDUCTOR
|
CAMBION Electronic Components WEARNES CAMBION LTD
|
G331-8I-20 SG222-6I-20 G561-8I-20 G271-8I-20 SG682 |
UNSHIELDED, 0.24 uH - 0.33 uH, VARIABLE INDUCTOR UNSHIELDED, 1.5 uH - 2.2 uH, VARIABLE INDUCTOR UNSHIELDED, 0.4 uH - 0.56 uH, VARIABLE INDUCTOR UNSHIELDED, 0.19 uH - 0.27 uH, VARIABLE INDUCTOR UNSHIELDED, 4.5 uH - 6.8 uH, VARIABLE INDUCTOR UNSHIELDED, 50 uH - 100 uH, VARIABLE INDUCTOR UNSHIELDED, 0.59 uH - 0.82 uH, VARIABLE INDUCTOR
|
GSI Technology, Inc.
|
TT101-8I-10 TT152-6I-00 TT221-8I-10 |
UNSHIELDED, 0.075 uH - 0.1 uH, VARIABLE INDUCTOR UNSHIELDED, 1 uH - 1.5 uH, VARIABLE INDUCTOR UNSHIELDED, 0.16 uH - 0.22 uH, VARIABLE INDUCTOR
|
Data Device, Corp.
|
LIMS10-2-09 LIM10-2-09 |
SHIELDED, 0.239 uH - 0.274 uH, VARIABLE INDUCTOR UNSHIELDED, 0.328 uH - 0.446 uH, VARIABLE INDUCTOR
|
|
150-01J08 146-06J08 150-03J08 150-01J08S 150-06J08 |
NOT RoHS. RF inductor, tunable, Carbonyl J core, shielded (add L" for compliant version)" NOT RoHS. RF inductor, tunable, Carbonyl J core (add 'L for compliant version)" UNSHIELDED, 0.082 uH - 0.114 uH, VARIABLE INDUCTOR NOT RoHS. RF inductor, tunable, Carbonyl J core (add 'L for compliant version)" UNSHIELDED, 0.188 uH - 0.292 uH, VARIABLE INDUCTOR Inductor: RF: Unshielded: 0.049u: 50M: 88: Carbonyl Iron: Radial
|
COILCRAFT INC Coilcraft, Inc.
|
332PN-T1017Z 332PN-T1020Z 332PN-T1015Z |
COIL VARIABLE 2.7UH TYPE 5PH UNSHIELDED, VARIABLE INDUCTOR COIL VARIABLE 4.7UH TYPE 5PH UNSHIELDED, VARIABLE INDUCTOR COIL VARIABLE 1.8UH TYPE 5PH
|
TOKO, Inc. TOKO INC
|
886BNS-0027Z 886BNS-0023Z 886BNS-0025Z |
UNSHIELDED, VARIABLE INDUCTOR
|
TOKO INC
|
658CN-1058BHJ |
UNSHIELDED, 2.7 uH - VARIABLE INDUCTOR, SMD
|
TOKO INC
|
FEM85NP-2F FEM85NP-1F FEM85NP-4B FEM85NP-5F FEM85N |
UNSHIELDED, VARIABLE INDUCTOR ROHS COMPLIANT
|
Sumida, Corp.
|
PS5CDLN-1639X |
UNSHIELDED, 1 uH - 300 uH, VARIABLE INDUCTOR, SMD
|
TOKO INC
|
148-09J12 |
NOT RoHS. RF inductor, tunable, Carbonyl J core (add 'L for compliant version)" UNSHIELDED, 0.208 uH - 0.41 uH, VARIABLE INDUCTOR
|
Coilcraft, Inc.
|
126ANS-T1106Z |
COIL 10mH TYPE 7PA UNSHIELDED, VARIABLE INDUCTOR
|
TOKO, Inc.
|
|